Part Number Hot Search : 
645ETTTS APTM5 TC186 6800P CXA10 ANALOG BD9161 2SB1417
Product Description
Full Text Search
 

To Download MMDT390406 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMDT3904
DUAL NPN GENERAL PURPOSE SWITCHING TRANSISTOR
VOLTAGE
FEATURES
* NPN epitaxial silicon, planar design * Collector-emitter voltage VCE = 40V * Collector current IC = 200mA * In compliance with EU RoHS 2002/95/EC directives
40 Volts
POWER
200 mWatts
MECHANICAL DATA
* Case: SOT-363, Plastic * Terminals: Solderable per MIL-STD-750, Method 2026 * Approx. Weight: 0.006 gram * Marking: S1A
6 5 4
1
2
3
Fig.54
ABSOLUTE RATINGS
PARAMETER C ollector - Emi tter Voltage C ollector - Base Voltage Emi tter - Base Voltage C ollector C urrent - C onti nuous Symbol VCEO VCBO VEBO IC Value 40 60 6.0 200 Uni ts V V V mA
THERMAL CHARACTERISTICS
PARAMETER Max Power Dissipation (Note 1) Thermal Resistance , Junction to Ambient Junction Temperature Storage Temperature Symbol PTOT RJA TJ TSTG Value 200 625 -55 to 150 -55 to 150 Units mW
O
C/W
O
C C
O
Note 1: Transistor mounted on FR-4 board 70 x 60 x 1mm.
STAD-MAY.04.2006 PAGE . 1
MMDT3904
ELECTRICAL CHARACTERISTICS
PA RA M E TE R C o lle c to r - E mi tte r B re a k d o wn Vo lta g e C o lle c to r - B a s e B re a k d o wn Vo lta g e E mi tte r - B a s e B re a k d o wn Vo lta g e B a s e C ut o f f C ur r e nt C o l l e c t o r C ut o f f C ur r e nt S ym b o l V (B R)C E O V (B R)C B O V (B R)E B O IB l IC E X Te s t C o n d i t i o n IC = 1 . 0 m A , IB = 0 IC = 1 0 u A , IE = 0 IE = 1 0 u A , IC = 0 V CE=3 0 V, V EB=3 .0 V V CE=3 0 V, V EB=3 .0 V IC = 0 . 1 m A , V C E = 1 . 0 V IC = 1 . 0 m A , V C E = 1 . 0 V IC = 1 0 m A , V C E = 1 . 0 V IC = 5 0 m A , V C E = 1 . 0 V IC = 1 0 0 m A , V C E = 1 . 0 V IC = 1 0 m A , IB = 1 . 0 m A IC = 5 0 m A , IB = 5 . 0 m A IC = 1 0 m A , IB = 1 . 0 m A IC = 5 0 m A , IB = 5 . 0 m A V C B = 5 V , IE = 0 , f = 1 M H z V C B = 0 . 5 V , IC = 0 , f = 1 M H z V CC=3 V,V BE=-0 .5 V, IC = 1 0 m A , IB = 1 . 0 m A V CC=3 V,V BE=-0 .5 V, IC = 1 0 m A , IB = 1 . 0 m A V C C = 3 V , IC = 1 0 m A IB 1 = IB 2 = 1 . 0 m A V C C = 3 V , IC = 1 0 m A IB 1 = IB 2 = 1 . 0 m A M IN . 40 60 6 .0 40 70 100 60 30 0 .6 5 T YP. MA X . 50 50 300 0 .2 0 .3 0 .8 5 0 .9 5 4 .0 8 .0 35 35 200 50 U ni t s V V V nA nA
D C C ur r e nt G a i n ( N o t e 2 )
hF E
-
C o l l e c t o r - E m i t t e r S a t ur a t i o n Vo l t a g e (No te 2 ) B a s e - E m i t t e r S a t ur a t i o n Vo l t a g e (No te 2 ) C o l l e c t o r - B a s e C a p a c i t a nc e E m i t t e r - B a s e C a p a c i t a nc e D e l a y Ti m e R i s e Ti m e S t o r a g e Ti m e F a l l Ti m e
V C E ( S AT) V B E ( S AT) C CBO C EBO td tr ts tf
V V pF pF ns ns ns ns
Note 2: Pulse Test: Pulse Width < 300 us, Duty Cycle < 2.0%.
SWITCHING TIME EQUIVALENT TEST CIRCUITS
+3 V 27 5 W
+ 10.9V 0 -0 .5 V < 1ns
3 00 n s D uty C ycle ~ 2.0%
1 0K W
C S * < 4pF
D elay an d R ise Tim e E q u iv a len t Test C ircu it +3V
27 5 W +10.9V 0 -9 .1 V < 1ns 1 0K W 1N 916 10 to 500 us D uty C ycle ~ 2.0% C S * < 4pF
S torag e and F all Tim e E q uivalent Test C ircu it
STAD-MAY.04.2006
PAGE . 2
MMDT3904
ELECTRICAL CHARACTERISTICS CURVE
300 250 200 T J =150 oC V CE =1V
1.400 1.200 1.000
T J =100 oC
V BE (V)
hFE
0.800 0.600 0.400 T J =25 C
o
T J =100 C
o
150 100 50 0 0.01 0.1
T J =25 oC
0.200 1 10 100 1000 0.000 0.01
T J =150 C V CE =1V 0.1 1 10 100 1000
o
Collector Current, I C (mA)
Collector Current, I C (mA) Fig. 2. Typical VBE vs. Collector Current
Fig. 1. Typical h FE vs. Collector Current
1.000
1.0 T J =25 oC
I C / I B =10
V CE (sat)(mV)
T J =150 C
o
V BE(sat) (V)
T J =100 oC
0.100
T J =25 oC
T J =150 oC
I C / I B =10
0.010 0.01 0.1 1 10 100 1000 0.1 0.01 0.1 1.0 10 100
Collector Current, I C (mA)
Collector Current, I C (mA)
Fig. 3. Typical V CE (sat) vs. Collector Current
Fig. 4. Typical V BE(sat) vs Collector Current
10 C IB (EB)
Capacitance (pF)
T J =150 C
o
C OB (CB)
1 0.1 1 10 100
Reverse Voltage, V R (V) Fig. 5. Typical Capacitances vs. Reverse Voltage
STAD-MAY.04.2006
PAGE . 3
MMDT3904
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 10K per 13" plastic Reel T/R - 3K per 7" plastic Reel
LEGAL STATEMENT
Copyright PanJit International, Inc 2009
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-MAY.04.2006
PAGE . 4


▲Up To Search▲   

 
Price & Availability of MMDT390406

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X